PART |
Description |
Maker |
IRGP30B60KD-E IRGP30B60KD-EP |
600V UltraFast 5-40 kHz Copack IGBT in a TO-247AC package INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
|
IRF[International Rectifier]
|
IRG4RC10KD IRG4RC10 IRG4RC10KDTRR |
TRANSISTOR | IGBT | N-CHAN | 600V V(BR)CES | 5A I(C) | TO-252AA 晶体管| IGBT的|正陈| 600V的五(巴西)国际消费电子展| 5A条一(c)|52AA INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.39V, @Vge=15V, Ic=5.0A) 600V UltraFast 8-25 kHz Copack IGBT in a D-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRG4IBC30UD |
600V UltraFast 8-60 kHz Copack IGBT in a TO-220 FullPak package INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
|
International Rectifier
|
IRG4BC10KD IRG4BC10KDPBF |
9 A, 600 V, N-CHANNEL IGBT, TO-220AB INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.2.39V, @Vge=15V, Ic=5.0A) 600V UltraFast 8-25 kHz Copack IGBT in a TO-220AB package
|
International Rectifier
|
IRG4BC30KD-S IRG4BC30KD-STRR IRG4BC30KDS IRG4BC30K |
600V UltraFast 8-25 kHz Copack IGBT in a D2-Pak package INSULATED GATE BIPOLAR TRANSISTOR WITH
ULTRAFAST SOFT RECOVERY DIODE INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.21V, @Vge=15V, Ic=16A)
|
IRF[International Rectifier]
|
IRG4PC30FD |
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.59V, @Vge=15V, Ic=17A) 绝缘栅双极型晶体管,超快软恢复二极管(VCES和\u003d 600V电压的Vce(on)典\u003d 1.59V,@和VGE \u003d 15V的,集成电路\u003d 17A条) 600V Fast 1-8 kHz Copack IGBT in a TO-247AC package
|
International Rectifier, Corp.
|
IRGP30B120KD-E |
1200V UltraFast 5-40 kHz Copack IGBT in a TO-247AC package
|
International Rectifier
|
IRG7PH44K10D IRG7PH44K10DPBF |
1200V UltraFast 4-20 kHz Copack IGBT in a TO-247 package
|
International Rectifier
|
IRGP8B120KD-E |
1200V UltraFast 5-40 kHz Copack IGBT in a TO-247AC package
|
International Rectifier
|
IRGB5B120KD |
1200V UltraFast 10-30 kHz Copack IGBT in a TO-220AB package
|
International Rectifier
|